Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
44
Final
Version: DM9102A-DS-F03
August 28, 2000
interface or a DM9102A reset. This bit works only in 10Mbps mode
1.0
Extended
Capability
1,RO/P
Extended Capability:
1=Extended register capability
0=Basic register capability only
PHY ID Identifier Register #1 (PHYIDR1) – 2
The PHY Identifier Register#1 and Register#2 work together in a single identifier of the DM9102A. The Identifier consists of a
concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model revision number.
DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Name
Default
Description
2.15-2.0
OUI_MSB
<0181H>
OUI Most Significant Bits:
This register stores bit 3 to 18 of the OUI (00606E) to bit 15 to 0 of this register
respectively. The most significant two bits of the OUI are ignored (the IEEE
standard refers to these as bit 1 and 2)
PHY Identifier Register #2 (PHYIDR2) - 3
Bit
Name
Default
Description
3.15-3.10
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits:
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this register
respectively
3.9-3.4
VNDR_MDL
<000100>,
RO/P
Vendor Model Number:
Six bits of vendor model number mapped to bit 9 to 4 (mostsignificant bit to bit
9)
3.3-3.0
MDL_REV
<0000>,
RO/P
Model Revision Number:
Four bits of vendor model revision number mapped to bit 3 to 0 (most
significant bit to bit 3)
Auto-negotiation Advertisement Register (ANAR) – 4
This register contains the advertised abilities of this DM9102A device as they will be transmitted to its link partner during Auto-
negotiation.
Bit
Name
Default
Description
4.15
NP
0,RO/P
Next Page Indication:
0=No next pageavailable
1=Next page available
The DM9102A has no next page, so this bit is permanently set to 0
4.14
ACK
0,RO
Acknowledge:
1=Link partner ability data reception acknowledged
0=Not acknowledged
The DM9102A's Auto-negotiation state machine will automatically control this
bit in the outgoing FLP bursts and set it at the appropriate time during the
Auto-negotiation process. Software should not attempt to write to this bit.
4.13
RF
0, RW
Remote Fault:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com