Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
32
Final
Version: DM9102A-DS-F03
August 28, 2000
3
PBF
0,RW
Pass Bad Frame
When set, the DM9102 is indicated to receive the bad frames including runt
packets, truncated frames caused by the FIFO overflow. The bad frame also has to
pass the address filtering if the DM9102A is not set in promiscuous mode.
2
HOFM
0,RO
Hash-only Filter Mode
This is a read-only bit and mapped from the set-up frame together with bit4,0 of
CR6.
It is set to indicate the DM9102A operate in a Hash-only Filtering Mode.
1
RXRC
0,RW
Receive Start/Stop Command
When set, receive process will begin by fetching the receive descriptor for available
buffer to store the new-coming packet (placed in the running state). If the fetched
descriptor is owned by the host (no descriptor is owned by the DM9102A), the
receive process will enter the suspend state and receive buffer unavailable
CR5<7> sets. Otherwise it runs to wait for the packet’s income. When reset,
receive process is placed in the stopped state after completing the reception of the
current frame.
0
HPFM
0,RO
Hash/Perfect Filter Mode
This is a read only bit and mapped from the setup frame together with CR6<4>,
CR6<2>. When reset, the DM9102A does a perfect address filter of incoming
frames according to the addresses specified in the setup frame. When set, the
DM9102A does a imperfect address filtering for the incoming frame with a multicast
address according to the hash table specified in the setup frame. The filtering mode
(perfect / imperfect) for the frame with a physical address will depend on CR6<2>.
8. Interrupt Mask Register (CR7)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
Bit
Name
Default
Description
16
NISE
0,RW
Normal Interrupt Summary Enable
This bit is set to enable the interrupt for Normal Interrupt Summary.
Normal interrupt includes three conditions :
CR5<0> – TXCI : Transmit Complete Interrupt
CR5<2> – TXDU : Transmit Buffer Unavailable
CR5<6> – RXCI : Receive Complete Interrupt
15
AISE
0,RW
Abnormal Interrupt Summary Enable
This bit is set to enable the interrupt for Abnormal Interrupt Summary.
Abnormal interrupt includes all interrupt condition as shown below excluding
Normal Interrupt conditions. They are TXPS(bit1), TXJT(bit3), TXFU(bit5),
RXDU(bit7), RXPS(bit8), RXWT(bit9), TXER(bit10), GPT(bit11), SBE(bit13).
14
ERIE
0,RW
Early Receive Interrupt Enable
This bit is set to enable the interrupt for Early Receive.
13
SBEE
0,RW
System Bus Error Enable
When set together with CR7<15>, CR5<13>, it enables the interrupt for System
Bus Error. The type of system bus error is shown in CR5<24:23>.
12
LCIE
0,RW
Link Status Change Interrupt Enable
This bit is set to enable the interrupt for link status change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com