Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
15
Version: DM9102A-DS-F03
August 28, 2000
Identification ID (xxxxxx00 - PCIID)
31
16
15
0
Dev_ID
Vend_ID
Device ID
Vendor ID
Bit
Default
Type
Description
16:31
9102h
RO
The field identifies the particular device. Unique and fixed number for the DM9102A
is 9102h. It is the product number assigned by DAVICOM.
0:15
1282h
RO
This field identifies the manufacturer of the device. Unique and fixed number for
Davicom is 1282h. It is a registered number from SIG.
Command & Status (xxxxxx04 - PCICS)
31
16 15
0
Status
Command
Status
Command
98
Parity Error Response Enable/Disable
I/O Space Access Enable/Disable
Memory Space Access Enable/Disable
Master Device Capability Enable/Disable
SERR# Driver Enable/Disable
Mast Mode Fast Back-To-Back
Address/Data Steeping
VGA Palette snoop
Special Cycle
Memory Write and Invalid
31 30 29 28 27 26 25 24 23 22 21 20
10
0
0 1
0
0
0
19
1
Detected Parity Error
Signal For System Error
Master Abort Detected
Target Abort Detected
DEVSEL Timing
Data Parity Error Detected
Slave mode Fast back to Back
New Capability
66MHz Capability
User Definable
Send Target Abort
Reserved
00
7654
3210
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com