Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
10
Final
Version: DM9102A-DS-F03
August 28, 2000
Direct mode
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
62
MD0/EEDI
I
Boot ROM data input/EEPROM data in
This is multiplexed pin used by EEDI and MD0.
When boot ROM is selected, it acts as boot ROM data input.
When ROMCS select the EEPROM, the DM9102A will read
the contents of EEPROM serially through this pin.
63,64,65,66,67,68,69
MD1~MD7
I
Boot ROM data input bus
MD1 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it
is used to pull up or down externally through a resister to
select the WOL as pulse orlevel signal.
0 = WOL pulse mode (default)
1 = WOL level mode
MD2 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it
is used to pull up or down externally through a resister to
select the PME as pulse or level signal.
0 = PME pulse mode (default)
1 = PME level mode
MD7 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it
is used to pull up or down externally through a resister to
select LED mode.
0 = LED mode 0 (default)
1 = LED mode 1
72
ROMCS
O
Boot ROM or EEPROM chip selection.
73
MA0/WMODE
O
Boot ROM address output line/WOL mode selection
This multiplexed pin acts as boot ROM address output bus
during normal operation. When RST# is active, it is used to
pull up or down externally through a resister to select WOL
High active or LOW active.(WMODE)
0 = WOL high active (default)
1 = WOL low active
74
MA1/PCIMODE#
O, LI
Boot ROM address output signal/PCI mode selection
This multiplexed pin acts as a boot ROM address output
signal during normal operation. When RST# is active, it acts
as the input system type. If the DM9102A is used in a
CardBus system, this pin should be connected to a pull-up
resistor; otherwise, the DM9102A consider the host as a PCI
system.
0 = PCI mode (default)
1 = CardBus mode
77
MA2
O
Boot ROM address output signal
78
MA3/EEDO
O
Boot ROM address output/EEPROM data out
This is multiplexed pin used by MA3 and EEDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com