Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
63
TTM Bit Map
11+G_i+R_i
2
Note 1: The definition of Media Capabilities and Nway
Advertisement is the same with 802.3U in terms of Auto-
negotiation.
Media Information Block: (Type = 00)
ITEM
Offset
Size
Block Length
0
1
Block Type(00)
1
1
Media Code
2
1
GPR Data
3
1
Command
4
2
Note 1: Media Code: 10BASE_T Half Duplex 00
10 BASE_T Full Duplex 04
100 BASE_T Half Duplex 01
100 BASE_T Full Duplex 05
Note 2: Command Format
Delay Period Block (Type = 80): Define the delay time unit
in us.
ITEM
Offset
Size
Block Length
0
1
Block Type(80)
1
1
Time Unit
2
2
6. Example of DM9102A SROM Format
Total Size: 128 Bytes
Field Name
Offset
(Bytes)
Size (Bytes)
Value
(Hex)
Commentary
Sub-Vendor ID
0
2
1282
ID Block
Sub-Device ID
2
2
9102
Reserved1
4
4
00000000
Auto_Load_Control
8
1
00
Auto-load function definition:
Bit 3~0 = 1010
Auto-Load PCI
Vendor ID/Device ID enabled
Bit 7~4 = 1x1x
Auto-Load NCE,
PMC/PMCSR enabled
New_Capabilities_Enable
(NCE)
9
1
00
Please refer to DM9102A Spec.
PCI Vendor ID
10
2
1282
PCI Device ID
12
2
9102
If Auto-Load PCI Vendor ID/Device
ID function disabled, the PCI
Vendor ID/Device ID will use the
default values (1282h, 9102h).
Power Management
Capabilities (PMC)
14
1
00
Please refer to DM9102A Spec.
Power Management
Control/Status (PMCSR)
15
1
00
Please refer to DM9102A Spec.
ID_BLOCK_CRC
16
1
-
Offset 0..15, 17 ID CRC
Reserved2
17
1
00
Field Name
Offset
(Bytes)
Size (Bytes)
Value
(Hex)
Commentary
SROM Format Version
18
1
03
Version 3.0
Controller Count
19
1
01
IEEE Network Address
20
6
-
Controller Info Header
Controller_0 Device Number
26
1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com