Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 71Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 72Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 73Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 74Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 75Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 76Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 77Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
73
TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
---
5.0
ns
tTM
100TX+/- Differential Rise/Fall Time
Mismatch
0
---
0.5
ns
tTDC
100TX+/- Differential Output Duty Cycle
Distortion
0
0
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-
Peak Jitter
0
---
1.4
ns
XOST
100TX+/- Differential Voltage
Overshoot
0
---
5
%
Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tCKC
OSC Cycle Time
39.996
40
40.004
ns
TPWH
OSC Pulse Width High
16
20
24
ns
TPWL
OSC Pulse Width Low
16
20
24
ns
Auto-negotiation and Fast Link Pulse Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
t1
Clock/Data Pulse Width
---
100
---
ns
t2
Clock Pulse To Data Pulse Period
55.5
62.5
69.5
us
DATA = 1
t3
Clock Pulse To Clock Pulse Period
111
125
139
us
t4
FLP Burst Width
-
2
-
ms
t5
FLP Burst To FLP Burst Period
8
16
24
ms
-
Clock/Data Pulses in a Burst
17
33
#
FLP Bursts
t3
FLP Burst
FLP Burst
t4
t5
NLPs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com