Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
35
Version: DM9102A-DS-F03
August 28, 2000
3
CRDOUT
1,RW
Data_Out from EEPROM
This bit is set to reflect the signal status of EEDI pin when EEPROM mode is
selected.
2
CRDIN
1,RW
Data_In to EEPROM
This bit is set to generate the output signal to EEDO pin when EEPROM mode is
selected.
1
CRCLK
1,RW
Clock to EEPROM
This bit is set to generate the output clock to EECLK pin when EEPROM mode is
selected.
0
CRCS
1,RW
Chip_Select to EEPROM
This bit is set to generate the output signal to EECS pin when EEPROM mode is
selected.
11. Programming ROM Address Register (CR10)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
17:0
BADR
Unpredictable
Boot ROM Address
This field contains the address pointer for Boot ROM when the mode of
programming by register is selected.
12. General Purpose Timer Register (CR11)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
16
TCON
0,RW
Continuous Mode of Timer
When this bit is set, the timer will continuously re-initiated upon the set time is up.
When reset, the timer will be one-shot response after BCLK value is programmed.
15:0
MBCLK
0000h,RW
Multiple of Base Clock
This field set the iteration number of base clock. The base clock duration is defined
to be
81.92us --- for MII port/100M is selected
2us --- for MII port/10M is selected
13. PHY Status Register (CR12)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
54
3
2
1
0
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com