Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
60
Final
Version: DM9102A-DS-F03
August 28, 2000
Sample Frame Programming Guide:
1. Enter the sample frame access mode
Let CR6<28:25>=0011
2.Reset the TX/RX FIFO, write pointer to offset 0
Write 38h to CR13<8:3>
Write 01h to CR14 (reset)
Write 00h to CR14 (clear)
3. Write the sample frame 0-3 data to RX FIFO
Write 35h to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame1~3 first byte)
Write xxxxxxxxh to CR14 (Frame1~3 second byte)
:
:
Repeat write until all frame data written to RX FIFO
4. RESET RX FIFO, write pointer to offset 100h
Write 38h to CR13<8:3>
Write 40h to CR14 (reset)
Write 00h to CR14 (clear)
5. Write the sample frame 4-7 to RX FIFO
Write 35h to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame4~7 first byte)
Write xxxxxxxxh to CR14 (Frame4~7 second byte)
:
:
Repeat write until all frame data written to RX FIFO
6. Write the sample frame 0-3 mask to TX FIFO
Write 32h to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame0~3 first mask byte)
Write xxxxxxxxh to CR14 (Frame0~3 second mask byte)
:
:
Repeat write until all frame mask which is written to TX
FIFO
7. RESET TX FIFO, write pointer to offset 100h
Write 38h to CR13<8:3>
Write 20h to CR14 (reset)
Write 00h to CR14 (clear)
8. Write the sample frame 4-7 mask to TX FIFO
Write 32h to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame4~7 first mask byte)
Write xxxxxxxxh to CR14 (Frame4~7 second mask byte)
:
:
Repeat write until all frame mask which is written to TX
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com