Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
42
Final
Version: DM9102A-DS-F03
August 28, 2000
Basic Mode Control Register (BMCR) – 0
Bit
Name
Default
Description
0.15
Reset
0, RW/SC Reset:
1=Software reset
0=Normal operation
This bit sets the status and controls the PHY registers of the DM9102A to their
default states. This bit, which is self-clearing, will keep returning a value of one
until the reset process is completed
0.14
Loopback
0, RW
Loopback:
1=Loop-back enabled
0=Normal operation
When in 100Mbps operation mode, setting this bit may cause the
descrambler to lose synchronization and produce a 720ms "dead time" before
any valid data appear at the MII receive outputs
0.13
Speed Selection
1, RW
Speed Select:
1=100Mbps
0=10Mbps
Link speed may be selected either by this bit or by Auto-negotiation. When
Auto-negotiation is enabled and bit 12 is set, this bit will return Auto-
negotiation selected media type.
0.12
Auto-negotiation
Enable
1, RW
Auto-negotiation Enable:
1= Auto-negotiation enabled: bit 8 and 13 will be in Auto-negotiation status
0= Auto-negotiation disabled: bit 8 and 13 will determine the link speed and
mode
0.11
Power Down
0, RW
Power Down:
Setting this bit willpower down the whole chip except crystal / oscillator circuit.
1=Power Down
0=Normal Operation
0.10
Isolate
0,RW
Isolate:
1= Isolates the DM9102A from the MII with the exception of the serial
management.
0= Normal Operation
0.9
Restart Auto-
negotiation
0,RW/SC Restart Auto-negotiation:
1= Restart Auto-negotiation. Re-initiates the Auto-negotiation process. When
Auto-negotiation is disabled (bit 12 of this register cleared), this bit has no
function and it should be cleared. This bit is self-clearing and it will keep
returning a value of 1 until Auto-negotiation is initiated by the DM9102A. The
operation of the Auto-negotiation process will not be affected by the
management entity that clears this bit.
0= Normal Operation
0.8
Duplex Mode
1,RW
Duplex Mode:
1= Full Duplex operation. Duplex selection is allowed when Auto-negotiation is
disabled (bit 12 of this register is cleared). With Auto-negotiation enabled, this
bit reflects the duplex capability selected by Auto-negotiation.
0= Normal operation
0.7
Collision Test
0,RW
Collision Test:
1= Collision Test enabled. When set, this bit will cause the COL signal to be
asserted in response to the assertion of TX_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com