Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
56
Final
Version: DM9102A-DS-F03
August 28, 2000
Network Function
1. Overview
This chapter will introduce the normal state machine
operation and MAC layer management like collision backoff
algorithm. In transmit mode, the DM9102A initiates a DMA
cycle to access data from a transmit buffer. It prefaces the
data with the preamble, the SFD pattern, and it appends a
32-bit CRC. In receive mode, the data is de-serialized by
receive mechanism and fed into the internal FIFO. For
detailed process, please see below.
2. Receive Process and State Machine
a. Reception Initiation
As a preamble being detected on receive data lines, the
DM9102A synchronizes itself to the data stream during the
preamble and waits for the SFD. The synchronization
process is based on byte boundary and the SFD byte is
10101011. If the DM9102A receives a 00 or a 11 after the
first 8 preamble bits and before receiving the SFD, the
reception process will be terminated.
b. Address Recognition
After initial synchronization, the DM9102A will recognize the
6-byte destination address field. The first bit of the
destination address signifies whether it is a physical address
(=0) or a multicast address (=1). The DM9102A filters the
frame based on the node address of receive address filter
setting. If the frame passes the filter, the subsequent serial
data will be delivered into the host memory.
c. Frame Decapsulation
The DM9102A checks the CRC bytes of all received frames
before releasing the frame along with the CRC to the host
processor.
3. Transmit Process and State Machine
a. Transmission Initiation
Once the host processor prepares a transmit descriptor for
the transmit buffer, the host processor signals the DM9102A
to take it. After the DM9102A has been notified of this
transmit list, the DM9102A will start tomove the data bytes
from the host memory to the internal transmit FIFO. When
the transmit
FIFO is adequately filled to the programmed threshold level,
or when there is a full frame buffered into the transmit FIFO,
the DM9102A begins to encapsulate the frame. The
transmit encapsulation is performed by the transmit state
machine, which delays the actual transmission onto the
network until the network has been idle for a minimum inter
frame gap time.
b. Frame Encapsulation
The transmit data frame encapsulation stream consists of
two parts: Basic frame beginning and basic frame end. The
former contains 56 preamble bits and SFD, the later, FCS.
The basic frame read from the host memory includes the
destination address, the source address, the type/length
field, and the data field. If the data field is less than 46 bytes,
the DM9102A will pad the frame with pattern up to 46 bytes.
c. Collision
When concurrent transmissions from two or more nodes
occur (termed; collision), the DM9102A halts the
transmission of data bytes and begins a jam pattern
consisting of AAAAAAAA. At the end of the jam
transmission, it begins the backoff wait time. If the collision
was detected during the preamble transmission, the jam
pattern is transmitted after completing the preamble. The
backoff process is called truncated binary exponential
backoff. The delay is a random integer multiple of slot times.
The number of slot times of delay before the Nth
retransmission attempt is chosen as a uniformly distributed
random integer in the range:
0
≤ r < 2k
k = min ( n, N ) and N=10
4. Physical Layer Overview:
The DM9102A provides 100M/10Mbps dual port operation.
It provides a direct interface either to Unshielded Twisted
pair Cable UTP5 for 100BASE-TX Fast Ethernet, or
UTP5/UTP3 Cable for 10BASE-T Ethernet. In physicallevel
operation, it consists of the following blocks:
PCS
Clock generator
NRE/NREI, MLT-3 encoder/decoder and driver
MANCHESTER encoder/decoder
10BASE-T filter and driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com