Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 20Page - Microchip Technology USB2517 Datasheet HTML 21Page - Microchip Technology USB2517 Datasheet HTML 22Page - Microchip Technology USB2517 Datasheet HTML 23Page - Microchip Technology USB2517 Datasheet HTML 24Page - Microchip Technology USB2517 Datasheet HTML 25Page - Microchip Technology USB2517 Datasheet HTML 26Page - Microchip Technology USB2517 Datasheet HTML 27Page - Microchip Technology USB2517 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 24
 2013-2016 Microchip Technology Inc.
7.2.1.8
Register 07h: Configuration Data Byte 2
2:1
CURRENT_SNS
Over-current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs). The ability to support current
sensing on a port or ganged basis is hardware implementation dependent.
00 = Ganged sensing (all ports together)
01 = Individual port-by-port
1x = Over-current sensing not supported (must only be used with Bus-Pow-
ered configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching
Bit
Number
Bit Name
Description
7
DYNAMIC
Dynamic Power Enable: Controls the ability of the Hub to automatically
change from Self-Powered operation to Bus-Powered operation if the local
power source is removed or is unavailable (and from Bus-Powered to Self-
Powered if the local power source is restored). {Note: If the local power
source is available, the Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability of
a local power source by monitoring the external LOCAL_PWR pin. If the Hub
detects a change in power source availability, the Hub immediately discon-
nects and removes power from all downstream devices and disconnects the
upstream port. The Hub will then re-attach to the upstream port as either a
Bus-Powered Hub (if local-power is unavailable) or a Self-Powered Hub (if
local power is available).
0 = No Dynamic auto-switching
1 = Dynamic Auto-switching capable
6
Reserved
Reserved
5:4
OC_TIMER
Over-Current Timer: Over-Current Timer delay.
00 = 0.1ms
01 = 4ms
10 = 8ms
11 = 16ms
Bit
Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com