Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 30Page - Microchip Technology USB2517 Datasheet HTML 31Page - Microchip Technology USB2517 Datasheet HTML 32Page - Microchip Technology USB2517 Datasheet HTML 33Page - Microchip Technology USB2517 Datasheet HTML 34Page - Microchip Technology USB2517 Datasheet HTML 35Page - Microchip Technology USB2517 Datasheet HTML 36Page - Microchip Technology USB2517 Datasheet HTML 37Page - Microchip Technology USB2517 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 34
 2013-2016 Microchip Technology Inc.
7.2.1.30
Register FBh: Port Remap 12
Bit
Number
Bit Name
Description
7:0
PRTR12
Port remap register for ports 1 & 2
When a hub is enumerated by a USB Host Controller, the hub is only
permitted to report how many ports it has; the hub is not permitted to select
a numerical range or assignment. The Host Controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub recognizes.
The host's port number is referred to as "Logical Port Number" and the
physical port on the hub is the “Physical Port Number". When remapping
mode is enabled (see PRTMAP_EN in Register 08h: Configuration Data
Byte 3) the hub's downstream port numbers can be remapped to different
logical port numbers (assigned by the host).
Note:
The OEM must ensure that Contiguous Logical Port Numbers are
used, starting from #1 up to the maximum number of enabled
ports; this ensures that the hub's ports are numbered in accor-
dance with the way a Host will communicate with the ports.
TABLE 7-2:
PORT REMAP REGISTER FOR PORTS 1 & 2
Bit [7:4]
‘0000’
Physical Port 2 is Disabled
‘0001’
Physical Port 2 is mapped to Logical Port 1
‘0010’
Physical Port 2 is mapped to Logical Port 2
‘0011’
Physical Port 2 is mapped to Logical Port 3
‘0100’
Physical Port 2 is mapped to Logical Port 4
‘0101’
Physical Port 2 is mapped to Logical Port 5
‘0110’
Physical Port 2 is mapped to Logical Port 6
‘0111’
Physical Port 2 is mapped to Logical Port 7
‘1000’
to
‘1111’
Reserved, will default to ‘0000’ value
Bit [3:0]
‘0000’
Physical Port 1 is Disabled
‘0001’
Physical Port 1 is mapped to Logical Port 1
‘0010’
Physical Port 1 is mapped to Logical Port 2
‘0011’
Physical Port 1 is mapped to Logical Port 3
‘0100’
Physical Port 1 is mapped to Logical Port 4
‘0101’
Physical Port 1 is mapped to Logical Port 5
‘0110’
Physical Port 1 is mapped to Logical Port 6
‘0111’
Physical Port 1 is mapped to Logical Port 7
‘1000’ to
‘1111’
Reserved, will default to ‘0000’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com