Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 23Page - Microchip Technology USB2517 Datasheet HTML 24Page - Microchip Technology USB2517 Datasheet HTML 25Page - Microchip Technology USB2517 Datasheet HTML 26Page - Microchip Technology USB2517 Datasheet HTML 27Page - Microchip Technology USB2517 Datasheet HTML 28Page - Microchip Technology USB2517 Datasheet HTML 29Page - Microchip Technology USB2517 Datasheet HTML 30Page - Microchip Technology USB2517 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 27
USB2517/USB2517I
7.2.1.12
Register 0Bh: Port Disable For Bus Powered Operation
7.2.1.13
Register 0Ch: Max Power For Self Powered Operation
Bit
Number
Bit Name
Description
7:0
PORT_DIS_BP
Port Disable Bus-Powered: Disables 1 or more contiguous ports. ‘0’ = port is
available, ‘1’ = port is disabled.
During Self-Powered operation when remapping mode is disabled (PRT-
MAP_EN='0'), this selects the ports which will be permanently disabled, and
are not available to be enabled or enumerated by a Host Controller. The ports
can be disabled in any order, the internal logic will automatically report the
correct number of enabled ports to the USB Host, and will reorder the active
ports in order to ensure proper function.
When using the internal default option, the PRT_DIS_P[7:1] and
PRT_DIS_M[7:1] pins will disable the appropriate ports.
Bit 7= 1; Port 7 is disabled
Bit 6= 1; Port 6 is disabled
Bit 5= 1; Port 5 is disabled
Bit 4= 1; Port 4 is disabled
Bit 3= 1; Port 3 is disabled
Bit 2= 1; Port 2 is disabled
Bit 1= 1; Port 1 is disabled
Bit 0 is Reserved, always = ‘0’
Bit
Number
Bit Name
Description
7:0
MAX_PWR_SP
Max Power Self_Powered: Value in 2mA increments that the Hub consumes
from an upstream port (VBUS) when operating as a self-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a compound device, and the embedded peripheral reports
0mA in its descriptors.
Note:
The USB 2.0 Specification does not permit this value to exceed
100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com