Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology USB2517 Datasheet HTML 20Page - Microchip Technology USB2517 Datasheet HTML 21Page - Microchip Technology USB2517 Datasheet HTML 22Page - Microchip Technology USB2517 Datasheet HTML 23Page - Microchip Technology USB2517 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 20
 2013-2016 Microchip Technology Inc.
06h
R/W
Config Data Byte 1
CFG1
9Bh
0x00
07h
R/W
Config Data Byte 2
CFG2
20h
0x00
08h
R/W
Config Data Byte 3
CFG3
00h
0x00
09h
R/W
Non-Removable Devices
NRD
00h
0x00
0Ah
R/W
Port Disable (Self)
PDS
00h
0x00
0Bh
R/W
Port Disable (Bus)
PDB
00h
0x00
0Ch
R/W
Max Power (Self)
MAXPS
01h
0x00
0Dh
R/W
Max Power (Bus)
MAXPB
32h
0x00
0Eh
R/W
Hub Controller Max Current
(Self)
HCMCS
01h
0x00
0Fh
R/W
Hub Controller Max Current
(Bus)
HCMCB
32h
0x00
10h
R/W
Power-on Time
PWRT
32h
0x00
11h
R/W
LANG_ID_H
LANGIDH
00h
0x00
12h
R/W
LANG_ID_L
LANGIDL
00h
0x00
13h
R/W
MFR_STR_LEN
MFRSL
00h
0x00
14h
R/W
PRD_STR_LEN
PRDSL
00h
0x00
15h
R/W
SER_STR_LEN
SERSL
00h
0x00
16h-53h
R/W
MFR_STR
MANSTR
00h
0x00
54h-91h
R/W
PROD_STR
PRDSTR
00h
0x00
92h-Cfh
R/W
SER_STR
SERSTR
00h
0x00
D0h-F5h
R/W
Reserved
N/A
00h
0x00
F6h
R/W
Boost_Up
BOOSTUP
00h
0x00
F7h
R/W
Boost_7:5
BOOST75
00h
0x00
F8h
R/W
Boost_4:0
BOOST40
00h
0x00
F9h
R/W
Reserved
N/A
00h
0x00
FAh
R/W
Port Swap
PRTSP
00h
0x00
FBh
R/W
Port Remap 12
PRTR12
00h
0x00
FCh
R/W
Port Remap 34
PRTR34
00h
0x00
FDh
R/W
Port Remap 56
PRTR56
00h
0x00
TABLE 7-1:
INTERNAL DEFAULT, EEPROM AND SMBUS REGISTER MEMORY MAP
Reg Addr
R/W
Register Name
Abbr
Internal
Default ROM
SMBus and
EEPROM POR
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com