Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 36Page - Microchip Technology USB2517 Datasheet HTML 37Page - Microchip Technology USB2517 Datasheet HTML 38Page - Microchip Technology USB2517 Datasheet HTML 39Page - Microchip Technology USB2517 Datasheet HTML 40Page - Microchip Technology USB2517 Datasheet HTML 41Page - Microchip Technology USB2517 Datasheet HTML 42Page - Microchip Technology USB2517 Datasheet HTML 43Page - Microchip Technology USB2517 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 40
 2013-2016 Microchip Technology Inc.
Block Read
A Block Read differs from a block write in that the repeated start condition exists to satisfy the I2C specification’s require-
ment for a change in the transfer direction.
7.3.2
INVALID PROTOCOL RESPONSE BEHAVIOR
Registers accessed with an invalid protocol are not updated. A register is only updated following a valid protocol. The
only valid protocols are Write Block and Read Block, which are described above.
The Hub only responds to the hardware selected Slave Address.
Attempting to communicate with the Hub over SMBus with an invalid slave address or invalid protocol results in no
response, and the SMBus Slave Interface returns to the idle state.
The only valid registers that are accessible by the SMBus slave address are the registers defined in the Registers Sec-
tion. See Section 7.3.3 for the response to undefined registers.
7.3.3
GENERAL CALL ADDRESS RESPONSE
The Hub does not respond to a general call address of 0000_000b.
Note:
For the following SMBus tables:
FIGURE 7-1:
BLOCK WRITE
FIGURE 7-2:
BLOCK READ
Denotes Master-to-Slave
Denotes Slave-to-Master
1
81
S
Slave Address
Register Address
Wr
A
171
1
8
A
1
...
Byte Count = N
A
Data byte 1
A
Data byte 2
81
1
1
88
Data byte N
A
P
Block Write
A
Block Read
1
S
S
Slave Address
Register Address
Wr
A
17
1
1
8
A
1
Slave Address
Rd
A
71
1
81
1
1
88
P
1
81
A
A
A
A
Byte Count = N
Data byte 1
Data byte 2
Data byte N
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com