Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 37Page - Microchip Technology USB2517 Datasheet HTML 38Page - Microchip Technology USB2517 Datasheet HTML 39Page - Microchip Technology USB2517 Datasheet HTML 40Page - Microchip Technology USB2517 Datasheet HTML 41Page - Microchip Technology USB2517 Datasheet HTML 42Page - Microchip Technology USB2517 Datasheet HTML 43Page - Microchip Technology USB2517 Datasheet HTML 44Page - Microchip Technology USB2517 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 41
USB2517/USB2517I
7.3.4
SLAVE DEVICE TIME-OUT
According to the SMBus Specification, V1.0 devices in a transfer can abort the transfer in progress and release the bus
when any single clock low interval exceeds 25ms (TTIMEOUT, MIN). Devices that have detected this condition must reset
their communication and be able to receive a new START condition no later than 35ms (TTIMEOUT, MAX).
7.3.5
STRETCHING THE SCLK SIGNAL
The Hub supports stretching of the SCLK by other devices on the SMBus. The Hub does not stretch the SCLK.
7.3.6
SMBUS TIMING
The SMBus Slave Interface complies with the SMBus AC Timing Specification. See the SMBus timing in the “Timing
Diagram” section.
7.3.7
BUS RESET SEQUENCE
The SMBus Slave Interface resets and returns to the idle state upon a START field followed immediately by a STOP
field.
7.3.8
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the Hub.
7.3.8.1
Undefined Registers
The registers shown in Table 7-1 are the defined registers in the Hub. Reads to undefined registers return to 00h. Writes
to undefined registers have no effect and do not return an error.
7.3.8.2
Reserved Registers
Unless otherwise instructed, only a ‘0’ may be written to all reserved registers or bits.
7.4
Default Configuration Option
The MCHP Hub can be configured via its internal default configuration. (Please see Section 7.2.1, "Internal Register Set
(Common to EEPROM and SMBus)" for specific details on how to enable default configuration.)
Please refer to Table 7-1 for the internal default values that are loaded when this option is selected.
7.5
Default Strapping Options:
The USB2517/USB2517I can be configured via a combination of internal default values and pin strap options. Please
see Table 5-1, "USB2517/USB2517I Pin Descriptions" and Table 5-2, "USB2517I SMBUS or EEPROM Interface
Behavior" for specific details on how to enable the default/pin-strap configuration option.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default values will be
used for the bits & registers that are not controlled by a strapping option pin. Please refer to Table 7-1 for the internal
default values that are loaded when this option is selected.
The Amber and Green LED pins are sampled after RESET_N negation, and the logic values are used to configure the
hub if the internal default configuration mode is selected. The implementation shown below (see Section 7.6, "Reset")
shows a recommended passive scheme. When a pin is configured with a “Strap High” configuration, the LED functions
with active low signalling, and the PAD will “sink” the current from the external supply. When a pin is configured with a
“Strap Low” configuration, the LED functions with active high signalling, and the PAD will “source” the current to the
external LED.
Note:
Some simple devices do not contain a clock low drive circuit; this simple kind of device typically resets its
communications port after a start or stop condition. The Slave Device Time-Out must be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com