Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 38Page - Microchip Technology USB2517 Datasheet HTML 39Page - Microchip Technology USB2517 Datasheet HTML 40Page - Microchip Technology USB2517 Datasheet HTML 41Page - Microchip Technology USB2517 Datasheet HTML 42Page - Microchip Technology USB2517 Datasheet HTML 43Page - Microchip Technology USB2517 Datasheet HTML 44Page - Microchip Technology USB2517 Datasheet HTML 45Page - Microchip Technology USB2517 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 42
 2013-2016 Microchip Technology Inc.
7.6
Reset
There are two different resets that the Hub experiences. One is a hardware reset (either from the internal POR reset
circuit or via the RESET_N pin) and the second is a USB Bus Reset.
7.6.1
INTERNAL POR HARDWARE RESET
All reset timing parameters are ensured by design.
7.6.2
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1us after all power supplies are within
operating range. While reset is asserted, the Hub (and its associated external circuitry) consumes less than 500
A of
current from the upstream USB power source.
Assertion of RESET_N (external pin) causes the following:
1.
All downstream ports are disabled, and PRTPWR power to downstream devices is removed.
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3.
All transactions immediately terminate; no states are saved.
4.
All internal registers return to the default state (in most cases, 00(h)).
5.
The external crystal oscillator is halted.
6.
The PLL is halted.
7.
LED indicators are disabled.
The Hub is “operational” 500
s after RESET_N is negated.
Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the SMBus option is not
disabled).
FIGURE 7-3:
LED STRAPPING OPTION
HUB
100K
Strap Low
LED
Pin
100K
Strap High
LED
Pin
+V
LED
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com