Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 12Page - Microchip Technology USB2517 Datasheet HTML 13Page - Microchip Technology USB2517 Datasheet HTML 14Page - Microchip Technology USB2517 Datasheet HTML 15Page - Microchip Technology USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology USB2517 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 16
 2013-2016 Microchip Technology Inc.
5.2
Buffer Type Descriptions
01
1
2-Wire
I2C EEPROMS are supported
• Strap Options are Disabled
• All Settings are Controlled by Registers
1
0
0
Internal Default Configuration
• Strap Options are Disabled
• Dynamic Power Switching is Enabled
1
0
1
Internal Default Configuration
• Strap Options are Disabled
• Dynamic Power Switching is Enabled
• LED Mode = USB
1
1
0
Internal Default Configuration
• Strap Options are Disabled
1
1
1
Internal Default Configuration
• Strap Options are Disabled
• LED Mode = USB
• Ganged Power Switching
• Ganged Over-Current Sensing
TABLE 5-3:
USB2517/USB2517I BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input.
IPD
Input with internal weak pull-down resistor.
IPU
Input with internal weak pull-up resistor.
IS
Input with Schmitt trigger.
O12
Output 12mA.
I/O12
Input/Output buffer with 12mA sink and 12mA source.
I/OSD12
Open drain...12mA sink with Schmitt trigger, and must meet
I2C-Bus Specification
Version 2.1 requirements.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I-R
RBIAS.
IO-U
Analog Input/Output Defined in USB specification.
TABLE 5-2:
USB2517I SMBUS OR EEPROM INTERFACE BEHAVIOR (CONTINUED)
CFG_SEL2
CFG_SEL1
CFG_SEL0
SMBus or EEPROM Interface Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com