Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 14Page - Microchip Technology USB2517 Datasheet HTML 15Page - Microchip Technology USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology USB2517 Datasheet HTML 20Page - Microchip Technology USB2517 Datasheet HTML 21Page - Microchip Technology USB2517 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 18
 2013-2016 Microchip Technology Inc.
Figure 6-1 shows a simple example of how this LED circuit will be implemented. The circuit should be replicated for each
of the 7 LED pins on the HUB. In this circuit, when the LED pin is driven to a logic low state, the Green LED will light up.
When the LED pin is driven to a Logic High state the Red LED will light up. When a 1 KHz square wave is driven out on
the LED pin, the Green and Red LED's will both alternately light up giving the effect of the color Orange. When nothing
is driven out on the LED pin (i.e. the pin floats to a "tri-state" condition), neither the Green nor Red LED will light up, this
is the "Off" state.
The assignment is as follows:
• LED_A1_N = LED D1 (Downstream Port 1)
• LED_A2_N = LED D2 (Downstream Port 2)
• LED_A3_N = LED D3 (Downstream Port 3)
• LED_A4_N = LED D4 (Downstream Port 4)
• LED_A5_N = LED D5 (Downstream Port 5)
• LED_A6_N = LED D6 (Downstream Port 6)
• LED_A7_N = LED D7 (Downstream Port 7)
The usage is as follows:
• LED_Ax_N Driven to Logic Low = LS device attached (Green LED)
• LED_Ax_N Driven to Logic High = FS device attached (Red LED)
• LED_Ax_N Pulsed @ 1 KHz= HS device attached (Orange color by pulsing Red & Green).
• LED_Ax_N is tri-state= No devices are attached, or the hub is in suspend, LED's are off.
FIGURE 6-1:
DUAL COLOR LED IMPLEMENTATION EXAMPLE
Hub LED pin
D1A (Green LED)
D1B (Red LED)
3.3V
General
Purpose
Diode
Current limiting
resistor
Connect to other
dual color diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com