Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 13Page - Microchip Technology USB2517 Datasheet HTML 14Page - Microchip Technology USB2517 Datasheet HTML 15Page - Microchip Technology USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology USB2517 Datasheet HTML 20Page - Microchip Technology USB2517 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 17
USB2517/USB2517I
6.0
LED USAGE DESCRIPTION
6.1
LED Functionality
The hub supports 2 different (mutually exclusive) LED modes. The USB Mode provides 14 LED’s that conform to the
USB 2.0 specification functional requirements for Green and Amber LED’s. The LED Mode “Speed indicator” provides
the downstream device connection speed.
6.1.1
USB MODE 14-WIRE
The LED_A[7:1]_N pins are used to provide Green LED support as defined in the USB 2.0 specification. The
LED_B[7:1]_N pins are used to provide Amber LED support as defined in the USB 2.0 specification. The USB Specifi-
cation defines the LED’s as port status indicators for the downstream ports. Please note that no indication of port speed
is possible in this mode. The pins are utilized as follows:
• LED_A1_N = Port 1 green LED
• LED_A2_N = Port 2 green LED
• LED_A3_N = Port 3 green LED
• LED_A4_N = Port 4 green LED
• LED_A5_N = Port 5 green LED
• LED_A6_N = Port 6 green LED
• LED_A7_N = Port 7 green LED
• LED_B1_N = Port 1 amber LED
• LED_B2_N = Port 2 amber LED
• LED_B3_N = Port 3 amber LED
• LED_B4_N = Port 4 amber LED
• LED_B5_N = Port 5 amber LED
• LED_B6_N = Port 6 amber LED
• LED_B7_N = Port 7 amber LED
6.1.2
LED MODE SPEED INDICATION
The LED_A[7:1]_N pins are used to provide connection status as well as port speed by using dual color LED's. This
scheme requires that the LED's be in the same package, and that a third color is produced so that the user perceives
both LED's as being driven "simultaneously".
The LED_A[7:1] pins used in this mode are connected to 7 dual color LED’s (each LED pair in a single package). These
pins indicate the USB speed of each attached downstream device.
Each dual color LED provides two separate colors (commonly Green and Red). If each of these separate colors are
pulsed on and off at a rapid rate, a user will see a third color (in this example, Orange). Using this method, 4 different
"color" states are possible (Green, Red, Orange, and Off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com