Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 43Page - Microchip Technology USB2517 Datasheet HTML 44Page - Microchip Technology USB2517 Datasheet HTML 45Page - Microchip Technology USB2517 Datasheet HTML 46Page - Microchip Technology USB2517 Datasheet HTML 47Page - Microchip Technology USB2517 Datasheet HTML 48Page - Microchip Technology USB2517 Datasheet HTML 49Page - Microchip Technology USB2517 Datasheet HTML 50Page - Microchip Technology USB2517 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
2013-2016 Microchip Technology Inc.
DS00001598B-page 47
USB2517/USB2517I
8.0
DC PARAMETERS
8.1
Maximum Ratings
Parameter
Symbol
Min
Max
Units
Comments
Storage
Temperature
TSTOR
-55
150
°C
Lead Tem-
perature
325
°C
Soldering < 10 seconds
1.8V supply
voltage
VDDA18PLL,
VDD18
2.5
V
3.3V supply
voltage
VDDA33,
VDD33PLL,
VDD33,
VDD33CR
4.6
V
Voltage on
any I/O pin
-0.5
5.5
V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
3.6
V
Note:
Stresses above the specified parameters could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any condition above those indicated in the operation
sections of this specification is not implied.
When powering this device from laboratory or system power supplies, it is important that the Absolute Max-
imum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com