Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 7Page - Microchip Technology USB2517 Datasheet HTML 8Page - Microchip Technology USB2517 Datasheet HTML 9Page - Microchip Technology USB2517 Datasheet HTML 10Page - Microchip Technology USB2517 Datasheet HTML 11Page - Microchip Technology USB2517 Datasheet HTML 12Page - Microchip Technology USB2517 Datasheet HTML 13Page - Microchip Technology USB2517 Datasheet HTML 14Page - Microchip Technology USB2517 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 11
USB2517/USB2517I
LED_A[7:1]_N/
PRT_SWP[7:1]
15
17
31
33
47
49
51
I/O12
Port LED Indicators & Port Swap strapping option
Indicator LED for ports 1-7. Will be active low when LED support is
enabled via EEPROM or SMBus.
If this strap is enabled by package and configuration settings (see
Table 5-2), this pin will be sampled at RESET_N negation to deter-
mine the electrical connection polarity of the downstream USB
Port pins (USB_DP and USB_DM).
Also, the active state of the LED will be determined as follows:
‘0’ = Port Polarity is normal, LED is active high.
‘1’ = Port Polarity (USB_DP and USB_DM) is swapped, LED is
active low.
LED_B[7:4]_N
14
16
18
32
I/O12
Enhanced Indicator Port 4-7 LED
Enhanced Indicator LED for ports 4-7. Will be active low when LED
support is enabled via EEPROM or SMBus.
LED_B3_N/
GANG_EN
34
I/O12
Enhanced Port 3 LED, Gang Power, and Over-current Strap
Option
Enhanced Indicator LED for port 3. Will be active low when LED
support is enabled via EEPROM or SMBus.
GANG_EN: Selects between Gang or Individual Port power and
Over-current sensing.
If this strap is enabled by package and configuration settings (see
Table 5-2), this pin will be sampled at RESET_N negation to deter-
mine the mode as follows:
‘0’ = Individual sensing & switching, and LED_B3_N is active high.
‘1’ = Ganged sensing & switching, and LED_B3_N is active low.
TABLE 5-1:
USB2517/USB2517I PIN DESCRIPTIONS (CONTINUED)
Symbol
64 QFN
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com