Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 15Page - Microchip Technology USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology USB2517 Datasheet HTML 20Page - Microchip Technology USB2517 Datasheet HTML 21Page - Microchip Technology USB2517 Datasheet HTML 22Page - Microchip Technology USB2517 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 19
USB2517/USB2517I
7.0
CONFIGURATION OPTIONS
7.1
7-Port Hub
The USB 2.0 7-Port Hub is fully compliant to the Universal Serial Bus Specification Revision 2.0 from April 27, 2000 (12/
7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details regarding Hub oper-
ation and functionality.
For performance reasons, the 7-Port Hub provides 1 Transaction Translator (TT) per port (defined as Multi-TT configu-
ration), divided into 4 non-periodic buffers per TT.
7.1.1
HUB CONFIGURATION OPTIONS
The MCHP Hub supports a large number of features (some are mutually exclusive), and must be configured in order to
correctly function when attached to a USB host controller. There are three principal ways to configure the Hub: SMBus,
EEPROM, or by internal default settings (with or without pin strapping option overrides). In all cases, the configuration
method will be determined by the CFG_SEL2, CFG_SEL1 and CFG_SEL0 pins immediately after RESET_N negation.
7.1.1.1
Power Switching Polarity
7.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power to its D+ or D- pull
up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the Hub mon-
itors the state of the upstream VBUS signal and will not pull up the D+ resistor if VBUS is not active. If VBUS goes from
an active to an inactive state (not powered), the Hub will remove power from the D+ pull up resistor within 10 seconds.
7.2
EEPROM Interface
The MCHP Hub can be configured via a 2-wire (I2C) EEPROM (256x8). (Please see Table 5-2, "USB2517I SMBUS or
EEPROM Interface Behavior" for specific details on how to enable configuration via an I2C EEPROM).
The internal state machine will (when configured for EEPROM support) read the external EEPROM for configuration
data. The Hub will then “attach” to the upstream USB host.
Please see Internal Register Set (Common to EEPROM and SMBus) for a list of data fields available.
7.2.1
INTERNAL REGISTER SET (COMMON TO EEPROM AND SMBUS)
Note:
The hub will support active high power controllers only!
Note:
The Hub does not have the capacity to write, or “Program,” an external EEPROM. The Hub only has the
capability to read external EEPROMs. The external EEPROM will be read (even if it is blank or non-popu-
lated), and the Hub will be “configured” with the values that are read.
TABLE 7-1:
INTERNAL DEFAULT, EEPROM AND SMBUS REGISTER MEMORY MAP
Reg Addr
R/W
Register Name
Abbr
Internal
Default ROM
SMBus and
EEPROM POR
Values
00h
R/W
VID LSB
VIDL
24h
0x00
01h
R/W
VID MSB
VIDM
04h
0x00
02h
R/W
PID LSB
PIDL
17h
0x00
03h
R/W
PID MSB
PIDM
25h
0x00
04h
R/W
DID LSB
DIDL
00h
0x00
05h
R/W
DID MSB
DIDM
00h
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com