Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 1 Page - Microchip Technology

  USB2517 Datasheet HTML 1Page - Microchip Technology USB2517 Datasheet HTML 2Page - Microchip Technology USB2517 Datasheet HTML 3Page - Microchip Technology USB2517 Datasheet HTML 4Page - Microchip Technology USB2517 Datasheet HTML 5Page - Microchip Technology USB2517 Datasheet HTML 6Page - Microchip Technology USB2517 Datasheet HTML 7Page - Microchip Technology USB2517 Datasheet HTML 8Page - Microchip Technology USB2517 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 1
General Description
The 7-Port Hub is a low power, OEM configurable, MTT
(multi transaction translator) hub controller IC with 7
downstream ports for embedded USB solutions. The 7-
port hub is fully compliant with the USB 2.0 Specifica-
tion and will attach to an upstream port as a Full-Speed
Hub or as a Full-/Hi-Speed Hub. The 7-Port Hub sup-
ports Low-Speed, Full-Speed, and Hi-Speed (if operat-
ing as a Hi-Speed Hub) downstream devices on all of
the enabled downstream ports.
General Features
• Hub Controller IC with 7 downstream ports
• High-performance multiple transaction translator
MultiTRAK™ Technology provides one transac-
tion translator per port
• Enhanced OEM configuration options available
through either a single serial I2C EEPROM, or
SMBus Slave Port
• 64-Pin (9x9 mm) QFN, RoHS compliant package
• Supports commercial (0ºC to +70ºC) and indus-
trial (-40ºC to +85ºC) temperature ranges
Hardware Features
• Low power operation
• Full Power Management with individual or ganged
power control of each downstream port
• On-chip Power On Reset (POR)
• Internal 1.8V Voltage Regulator
• Fully integrated USB termination and Pull-up/Pull-
down resistors
• On Board 24MHz Crystal Driver, Resonator, or
External 24/MHz clock input
• USB host/device speed indicator. Per-port 3-color
LED drivers indicate the speed of USB host and
device connection - hi-speed (480 Mbps), full-
speed (12 Mbps), low-speed (1.5 Mbps)
• Enhanced EMI rejection and ESD protection per-
formance
OEM Selectable Features
• Customizable Vendor ID, Product ID, and Device
ID
• Select whether the hub is part of a compound
device (When any downstream port is perma-
nently hardwired to a USB peripheral device, the
hub is part of a compound device.)
• Flexible port mapping and disable sequence.
Ports can be disabled/reordered in any order to
support multiple product SKUs. Hub will automati-
cally reorder the remaining ports to match the
Host controller's numbering scheme
• Programmable USB differential-pair pin location
- Eases PCB layout by aligning USB signal
lines directly to connectors
• Programmable USB signal drive strength.
Recover USB signal integrity due to compromised
system environments using 4-level driving
strength resolution
• Select the presence of a permanently hardwired
USB peripheral device on a port by port basis
• Configure the delay time for filtering the over-cur-
rent sense inputs
• Configure the delay time for turning on down-
stream port power
• Indicate the maximum current that the 347-port
hub consumes from the USB upstream port
• Indicate the maximum current required for the hub
controller
• Support Custom String Descriptor up to 31 char-
acters in length for:
- Product String
- Manufacturer String
- Serial Number String
• Pin Selectable Options for Default Configuration
- Select Downstream Ports as Non-Removable
Ports
- Select Downstream Ports as Disabled Ports
- Select Downstream Port Power Control and
Over-Current Detection on a Ganged or Indi-
vidual Basis
- Select USB Signal Drive Strength
- Select USB Differential Pair Pin location
USB2517/USB2517I
USB 2.0 Hi-Speed 7-Port Hub Controller


Similar Part No. - USB2517

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2517-JZX SMSC-USB2517-JZX Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2517i-JZX SMSC-USB2517i-JZX Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2517

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com