Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 11Page - Microchip Technology USB2517 Datasheet HTML 12Page - Microchip Technology USB2517 Datasheet HTML 13Page - Microchip Technology USB2517 Datasheet HTML 14Page - Microchip Technology USB2517 Datasheet HTML 15Page - Microchip Technology USB2517 Datasheet HTML 16Page - Microchip Technology USB2517 Datasheet HTML 17Page - Microchip Technology USB2517 Datasheet HTML 18Page - Microchip Technology USB2517 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 15
USB2517/USB2517I
TEST
19
IPD
TEST pin
XNOR continuity tests all signal pins on the hub. Please contact
your MCHP representative for a detailed description of how this
test mode is enabled and utilized.
Power, Ground, No Connect
VDD18
25
VDD Core
+1.8V core power. This pin must have a 1.0
F (or greater) ±20%
(ESR <0.1
) capacitor to VSS.
VDD33PLL
64
VDD 3.3 PLL Regulator Reference
+3.3V power supply for the Digital I/O. If the internal PLL 1.8V reg-
ulator is enabled, then this pin acts as the regulator input.
VDD18PLL
62
VDD PLL
+1.8V Filtered analog power for internal PLL. This pin must have a
1.0
F (or greater) ±20% (ESR <0.1) capacitor to VSS.
VDD33
46
VDD I/O
+3.3V Digital I/O power
VDDA33
5
10
52
57
VDD Analog I/O
+3.3V Filtered analog PHY power which is shared between adja-
cent ports.
VDD33CR
24
VDDIO/VDD 3.3 Core Regulator Reference
+3.3V power supply for the Digital I/O. If the internal core regulator
is enabled, then VDD33CR acts as the regulator input.
Ground
VSS
Slug
Ground
TABLE 5-2:
USB2517I SMBUS OR EEPROM INTERFACE BEHAVIOR
CFG_SEL2
CFG_SEL1
CFG_SEL0
SMBus or EEPROM Interface Behavior
0
0
0
Internal Default Configuration
• Strap Option sare Enabled
0
0
1
Configured as an SMBus slave for external download of
user-defined descriptors
• SMBus slave address is ‘0101100’
• Strap Options are Disabled
• All Settings are Controlled by Registers
0
1
0
Internal Default Configuration
• Strap Options are Enabled
• Bus Power Operation
• LED Mode = USB
TABLE 5-1:
USB2517/USB2517I PIN DESCRIPTIONS (CONTINUED)
Symbol
64 QFN
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com