Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2517 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 34Page - Microchip Technology USB2517 Datasheet HTML 35Page - Microchip Technology USB2517 Datasheet HTML 36Page - Microchip Technology USB2517 Datasheet HTML 37Page - Microchip Technology USB2517 Datasheet HTML 38Page - Microchip Technology USB2517 Datasheet HTML 39Page - Microchip Technology USB2517 Datasheet HTML 40Page - Microchip Technology USB2517 Datasheet HTML 41Page - Microchip Technology USB2517 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 38
 2013-2016 Microchip Technology Inc.
7.2.1.34
Register FFh: Status/Command
7.2.2
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master Specification (Please refer to the Philips Semicon-
ductor Standard I2C-Bus Specification for details on I2C bus protocols). The Hub’s I2C EEPROM interface is designed
to attach to a single “dedicated” I2C EEPROM, and conforms to the Standard-mode I2C Specification (100kbit/s transfer
rate and 7-bit addressing) for protocol and electrical compatibility.
The Hub acts as the master and generates the serial clock SCL, controls the bus access (determines which device acts
as the transmitter and which device acts as the receiver), and generates the START and STOP conditions.
7.2.2.1
Implementation Characteristics
The Hub will only access an EEPROM using the Sequential Read Protocol.
7.2.2.2
Pull-Up Resistor
The Circuit board designer is required to place external pull-up resistors (10K
 recommended) on the SDA/SMBDATA
& SCL/SMBCLK/CFG_SELO lines (per SMBus 1.0 Specification, and EEPROM manufacturer guidelines) to Vcc in
order to assure proper operation.
7.2.2.3
I2C EEPROM Slave Address
Slave address is 1010000.
7.2.3
IN-CIRCUIT EEPROM PROGRAMMING
The EEPROM can be programmed via ATE by pulling RESET_N low (which tri-states the Hub’s EEPROM interface and
allows an external source to program the EEPROM).
Bit
Number
Bit Name
Description
7:3
Reserved
Reserved
2
INTF_PW_DN
SMBus Interface Power Down
‘0’ = Interface is active
‘1’ = Interface power down after ACK has completed
1
RESET
Reset the SMBus Interface and internal memory back to RESET_N assertion
default settings.
‘0’ = Normal Run/Idle State
‘1’ = Force a reset of registers to their default state
0
USB_ATTACH
USB Attach (and write protect)
‘0’ = SMBus slave interface is active
‘1’ = Hub will signal a USB attach event to an upstream device. The internal
memory (address range 00h-FEh) is “write-protected” to prevent uninten-
tional data corruption.
Note:
Extensions to the I2C Specification are not supported.
Note:
10-bit addressing is NOT supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com