Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 152Page - Advanced Micro Devices AM79C970 Datasheet HTML 153Page - Advanced Micro Devices AM79C970 Datasheet HTML 154Page - Advanced Micro Devices AM79C970 Datasheet HTML 155Page - Advanced Micro Devices AM79C970 Datasheet HTML 156Page - Advanced Micro Devices AM79C970 Datasheet HTML 157Page - Advanced Micro Devices AM79C970 Datasheet HTML 158Page - Advanced Micro Devices AM79C970 Datasheet HTML 159Page - Advanced Micro Devices AM79C970 Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 168 page
background image
AMD
1-1023
Am79C970
Outline of the LAPP Flow
This section gives a suggested outline for a driver that
utilizes the LAPP feature of the PCnet-PCI controller.
Note: The labels in the following text are used as refer-
ences in the timeline diagram that follows.
SETUP:
The driver should set up descriptors in groups of 3, with
the OWN and STP bits of each set of three descriptors to
read as follows: 11b, 10b, 00b.
An option bit (LAPPEN) exists in CSR3, bit position 5;
the software should set this bit; When set, the LAPPEN
bit directs the PCnet-PCI controller to generate an IN-
TERRUPT when STP has been written to a receive de-
scriptor by the PCnet-PCI controller.
FLOW:
The PCnet-PCI controller polls the current receive de-
scriptor at some point in time before a message arrives.
The PCnet-PCI controller determines that this receive
buffer is OWNed by the PCnet-PCI controller and it
stores the descriptor information to be used when a
message does arrive.
N0:
Frame preamble appears on the wire, followed by
SFD and destination address.
N1:
The 64th byte of frame data arrives from the wire.
This causes the PCnet-PCI controller to begin
frame data DMA operations to the first buffer.
C0:
When the 64th byte of the message arrives, the
PCnet-PCI controller performs a lookahead op-
eration to the next receive descriptor. This de-
scriptor should be owned by the PCnet-PCI
controller .
C1:
The PCnet-PCI controller intermittently requests
the bus to transfer frame data to the first buffer as it
arrives on the wire.
S1:
The driver remains idle.
C2:
When the PCnet-PCI controller has completely
filled the first buffer, it writes status to the first
descriptor.
C3:
When the first descriptor for the frame has been
written, changing ownership from the PCnet-PCI
controller to the CPU, the PCnet-PCI controller
will generate an SRP INTERRUPT. (This interrupt
appears as a RINT interrupt in CSR0.)
S1:
The SRP INTERRUPT causes the CPU to switch
tasks to allow the PCnet-PCI controllers driver to
run.
C4:
During the CPU interrupt-generated task switch-
ing, the PCnet-PCI controller is performing a
lookahead operation to the third descriptor. At this
point in time, the third descriptor is owned by the
CPU.
Note: Even though the third buffer is not owned by
the PCnet-PCI controller, existing AMD Ethernet
controllers will continue to perform data DMA into
the buffer space that the controller already owns
(i.e., buffer number 2). The controller does not
know if buffer space in buffer number 2 will be suf-
ficient or not, for this frame, but it has no way to tell
except by trying to move the entire message into
that space. Only when the message does not fit
will it signal a buffer error condition – there is no
need to panic at the point that it discovers that it
does not yet own descriptor number 3.
S2:
The first task of the drivers interrupt service rou-
tine is to collect the header information from the
PCnet-PCI controllers first buffer and pass it to the
application.
S3:
The application will return an application buffer
pointer to the driver. The driver will add an offset to
the
application data buffer pointer, since the
PCnet-PCI controller will be placing the first por-
tion of the message into the first and second buff-
ers. (The modified application data buffer pointer
will only be directly used by the PCnet-PCI con-
troller when it reaches the third buffer.) The driver
will place the modified data buffer pointer into the
final descriptor of the group (#3) and will grant
ownership of this descriptor to the PCnet-PCI
controller.
C5:
Interleaved with S2, S3 and S4 driver activity, the
PCnet-PCI controller will write frame data to buffer
number 2.
S4:
The driver will next proceed to copy the contents
of the PCnet-PCI controllers first buffer to the be-
ginning of the application space. This copy will be
to the exact (unmodified) buffer pointer that was
passed by the application.
S5:
After copying all of the data from the first buffer
into the beginning of the application data buffer,
the driver will begin to poll the ownership bit of the
second descriptor. The driver is waiting for the
PCnet-PCI controller to finish filling the second
buffer.
C6:
At this point, knowing that it had not previously
owned the third descriptor, and knowing that the
current message has not ended (there is more
data in the FIFO), the PCnet-PCI controller will
make a last ditch lookahead to the final (third) de-
scriptor. This time, the ownership will be TRUE
(i.e. the descriptor belongs to the controller), be-
cause the driver wrote the application pointer into
this descriptor and then changed the ownership to
give the descriptor to the PCnet-PCI controller
back at S3. Note that if steps S1, S2 and S3 have
not completed at this time, a BUFF error will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com