Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 153Page - Advanced Micro Devices AM79C970 Datasheet HTML 154Page - Advanced Micro Devices AM79C970 Datasheet HTML 155Page - Advanced Micro Devices AM79C970 Datasheet HTML 156Page - Advanced Micro Devices AM79C970 Datasheet HTML 157Page - Advanced Micro Devices AM79C970 Datasheet HTML 158Page - Advanced Micro Devices AM79C970 Datasheet HTML 159Page - Advanced Micro Devices AM79C970 Datasheet HTML 160Page - Advanced Micro Devices AM79C970 Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 168 page
background image
AMD
1-1024
Am79C970
C7:
After filling the second buffer and performing the
last chance lookahead to the next descriptor, the
PCnet-PCI controller will write the status and
change the ownership bit of descriptor number 2.
S6:
After the ownership of descriptor number 2 has
been changed by the PCnet-PCI controller, the
next driver poll of the 2nd descriptor will show
ownership granted to the CPU. The driver now
copies the data from buffer number 2 into the mid-
dle section of the application buffer space. This
operation is interleaved with the C7 and C8
operations.
C8:
The PCnet-PCI controller will perform data DMA
to the last buffer, whose pointer is pointing to ap-
plication space. Data entering the last buffer will
not need the infamous double copy that is required
by existing drivers, since it is being placed directly
into the application buffer space.
N2:
The message on the wire ends.
S7:
When the driver completes the copy of buffer
number 2 data to the application buffer space, it
begins polling descriptor number 3.
C9:
When the PCnet-PCI controller has finished all
data DMA operations, it writes status and changes
ownership of descriptor number 3.
S8:
The driver sees that the ownership of descriptor
number 3 has changed, and it calls the application
to tell the application that a frame has arrived.
S9:
The application processes the received frame and
generates the next TX frame, placing it into a TX
buffer.
S10: The driver sets up the TX descriptor for the
PCnet-PCI controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com