Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
41
AUDIO INPUTS
The following sections give an overview of the analogue audio input pins and their function. For more
information on recommended external components, please refer to the “Applications Information”
section.
LINE INPUT
The LINEL and LINER inputs are designed to record line level signals, and/or to mix into one of the
analogue outputs.
Both pins are directly connected to the record selector. The record PGA adjusts the recording
volume, controlled by register 12h or by the ALC function.
For analogue mixing, the line input signals pass through a separate PGA, controlled by register 0Ah.
The signals can be mixed into the headphone, speaker and mono mixer paths (see “Audio Mixers”).
Each LINE-to-mixer path has an independent mute bit. When all LINE-to-mixer paths are muted the
line PGA is muted automatically. When the line inputs are not used, the line PGA can be switched off
to save power (see “Power Management” section).
LINEL and LINER are biased internally to the reference voltage VREF. Whenever the inputs are
muted or the device placed into standby mode, the inputs remain biased to VREF using special anti-
thump circuitry to suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
L2H
1
Mute LINE path to headphone mixer
1: Mute, 0: No mute (ON)
14
L2S
1
Mute LINE path to speaker mixer
1: Mute, 0: No mute (ON)
13
L2M
1
Mute LINE path to mono mixer
1: Mute, 0: No mute (ON)
12:8
LINEL
VOL
01000
(0dB)
LINEL input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
0Ah
4:0
LINER
VOL
01000
(0dB)
LINER input gain
similar to LINELVOL
Table 21 Line Input Control
Additionally, line inputs can be used as single-ended microphone inputs through the record mux to
provide a clickless ALC function by bypassing offset introduced through the microphone pre-amps.
Note that the line inputs to the mixers should all be deselected if this is input configuration is used.
MICROPHONE INPUT
MICROPHONE PRE-AMPS
There are two microphone pre-amplifiers which can be configured in a variety of ways to
accommodate up to 3 selectable differential microphone inputs or 2 differential microphone inputs for
stereo or noise cancellation. The microphone input circuit is shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com