Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 30Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 31Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
28
AUDIO ADCS
STEREO ADC
The WM9713L has a stereo sigma-delta ADC to digitize audio signals. The ADC achieves high
quality audio recording at low power consumption. The ADC sample rate can be controlled by writing
to a control register (see “Variable Rate Audio”). It is independent of the DAC sample rate.
To save power, the left and right ADCs can be separately switched off using the Powerdown bits
ADCL and ADCR (register 3Ch, bits 5:4), whereas PR0 disables both ADCs (see “Power
Management” section). If only one ADC is running, the same ADC data appears on both the left and
right AC-Link slots.
The output from the ADC can be sent over either the AC link as usual, or output via the PCM
interface which may be configured on the GPIO pins.
HIGH PASS FILTER
The WM9713L audio ADC incorporates a digital high pass filter that eliminates any DC bias from the
ADC output data. The filter is enabled by default. For DC measurements, it can be disabled by
writing a ‘1’ to the HPF bit (register 5Ch, bit 3).
This high pass filter corner frequency can be selected to have different values in WM9713L, to suit
applications such as voice where a higher cutoff frequency is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ah
5:4
HPMODE
00
HPF corner frequency
00: 7Hz @ Fs=48kHz
01: 82Hz @ Fs=16kHz
10: 82Hz @ Fs=8kHz
11: 170Hz @ Fs=8kHz
Note: the filter corner frequency is proportional to the sample rate.
Table 8 ADC Highpass Filter Frequency Control
ADC SLOT MAPPING
By default, the output of the left audio ADC appears on slot 3 of the SDATAIN signal (pin 8), and the
right ADC data appears on slot 4. However, the ADC output data can also be sent to other slots, by
setting the ASS (ADC slot select) control bits as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
ASS
00
ADC to slot mapping
00: Left = Slot 3, Right = Slot 4 (default)
01: Left = Slot 7, Right = Slot 8
10: Left = Slot 6, Right = Slot 9
11: Left = Slot 10, Right = Slot 11
5Ch
Additional
Functions
(2)
3
HPF
0
High-pass filter disable
0: Filter enabled (for audio)
1: Filter disabled (for DC measurements)
Table 9 ADC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com