Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 9Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 10Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 11Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 12Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 13Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 14Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
11
DIGITAL INTERFACE CHARACTERISTICS
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, TA = +25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (all digital input or output pins) – CMOS Levels
Input HIGH level
VIH
DBVDD
×0.7
V
Input LOW level
VIL
DBVDD
×0.3
V
Output HIGH level
VOH
source current = 2mA
DBVDD
×0.9
Output LOW level
VOL
sink current = 2mA
DBVDD
×0.1
Clock Frequency
Master clock (MCLKA pin)
24.576
MHz
AC’97 bit clock (BIT_CLK pin)
12.288
MHz
AC’97 sync pulse (SYNC pin)
48
kHz
Note:
1.
All audio and non-audio sample rates and other timing scales proportionately with the master clock.
2.
For signal timing on the AC-Link, please refer to the AC’97 specification (Revision 2.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com