Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 33Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 34Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 36Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
37
3D STEREO ENHANCEMENT
The 3D stereo enhancement function artificially increases the separation between the left and right
channels by amplifying the (L-R) difference signal in the frequency range where the human ear is
sensitive to directionality. The programmable 3D depth setting controls the degree of stereo
expansion introduced by the function. Additionally, the upper and lower limits of the frequency range
used for 3D enhancement can be selected using the 3DFILT control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
40h
General
Purpose
13
3DE
0
(disabled)
3D enhancement enable
5
3DLC
0
Lower Cut-off Frequency
0 = Low (200Hz at 48kHz sampling)
1 = High (500Hz at 48kHz sampling)
4
3DUC
0
Upper Cut-off Frequency
0 = High (2.2kHz at 48kHz sampling)
1 = Low (1.5kHz at 48kHz sampling)
1Eh
DAC 3D
Control
3:0
3DDEPTH
0000
3D Depth
0000: 0% (minimum 3D effect)
0001: 6.67%
…(6.67% steps)
1110: 93.3%
1111: 100% (maximum)
Table 17 Stereo Enhancement Control
Note:
1.
All cut-off frequencies change proportionally with the DAC sample rate.
VOICE DAC
VXDAC is a 16-bit mono DAC intended for playback of Rx voice signals input via the PCM interface.
Typically it is used at 8ks/s, but may be used at other sample rates up to 48ks/s.
The analogue output of VXDAC is routed directly into the output mixers. The signal gain into each
mixer can be adjusted at the mixer inputs using control register 1Eh.
When not in use the VXDAC can be powered down using the Powerdown register bit VXDAC
(register 3Ch, bit 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com