Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 30Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 31Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 32Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
29
RECORD SELECTOR
The record selector determines which input signals are routed into the audio ADC. The left and right
channels can be selected independently. This is useful for recording a phone call: one channel can
be used for the RX signal and the other for the TX signal, so that both sides of the conversation are
digitized.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
RECBST
0
20dB Boost
1: Boost ADC input signal by 20dB
0 :No boost
5:3
RECSL
000
Left ADC signal source
000: MICA (pre-PGA)
001: MICB (pre-PGA)
010: LINEL (pre-PGA)
011: MONOIN (pre-PGA)
100: Headphone Mix (left)
101: Speaker Mix
110: Mono Mix
111: Reserved (do not use this setting)
14h
Record
Routing /
Mux Select
2:0
RECSR
000
Right ADC signal source
000: MICA (pre-PGA)
001: MICB (pre-PGA)
010: LINER (pre-PGA)
011: MONOIN (pre-PGA)
100: Headphone Mix (right)
101: Speaker Mix
110: Mono Mix
111: Reserved (do not use this setting)
Table 10 Audio Record Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com