Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
47
PCBEEP is biased internally to the reference voltage VREF. When the signal is not selected as an
input to any of the mixers the input remains biased to VREF using special anti-thump circuitry to
suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
B2H
1
Mute PCBEEP path to headphone mixer
1: Mute, 0: No mute (ON)
14:12
B2HVOL
010
(0dB)
PCBEEP to headphone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
11
B2S
1
Mute PCBEEP path to speaker mixer
1: Mute, 0: No mute (ON)
10:8
B2SVOL
010
(0dB)
PCBEEP to speaker mixer gain
000: +6dB
… (3dB steps)
111: -15dB
7
B2M
1
Mute PCBEEP path to mono mixer
1: Mute, 0: No mute (ON)
16h
PCBEEP input
6:4
B2MVOL
010
(0dB)
PCBEEP to mono mixer gain
000: +6dB
… (3dB steps)
111: -15dB
Table 29 PCBEEP Control
DIFFERENTIAL MONO INPUT
PCBEEP and MONOIN inputs can be configured to provide a differential mono input. This is
achieved by mixing the two inputs together using the headphone mixers or the speaker mixer. Note
that the gain of the MONOIN PGA must match the gain of the PCBEEP mixer input to achieve a
balanced differential mono input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com