Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
70
TOUCHPANEL SETTLING TIME
For accurate touchpanel measurements, some settling time may be required between the switch
matrix applying a voltage across the touchpanel plate and the ADC sampling the signal. This time
delay function is built into the WM9713L and can be programmed as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
76h
7:4
DEL
0000
(1 frame)
Touchpanel ADC Settling Time
Table 51 Touchpanel Settling Time Control (1)
DEL
DELAY
(AC-LINK FRAMES)
DELAY
(TIME)
0000
1
20.8
µs
0001
2
41.7
µs
0010
4
83.3
µs
0011
8
167
µs
0100
16
333
µs
0101
32
667
µs
0110
48
1ms
0111
64
1.33ms
1000
96
2ms
1001
128
2.67ms
1010
160
3.33ms
1011
192
4ms
1100
224
4.67ms
1101
256
5.33ms
1110
288
6ms
1111
No delay, switch matrix always on
Table 52 Touchpanel Settling Time Control (2)
The total time for co-ordinate or auxiliary measurements to complete is the delay time DEL, plus one
AC-Link frame (20.8
µs). For a pressure measurement, the time taken is DEL plus two AC-Link
frames (41.6
µs).
Although the DELAY is variable the maximum value that may be programmed depends on the
number of ADCSEL[7:1] bits set, as shown in the following table. Setting multiple ADCSEL[7:1] bits
leaves less spare AC_Link frames for the DELAY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com