Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 83Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 84Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
83
LOW POWER STANDBY MODE
If all the bits in registers 26h, 3Ch and 3Eh are set except VMID1M (register 3Ch, bit 14), then the
WM9713L is in low-power standby mode and consumes very little current. A 1M
Ω resistor string
remains connected across AVDD to generate VREF. This is necessary if the on-chip analogue
comparators are used (see “Battery Alarm and Battery Measurement” section), and helps shorten the
delay between wake-up and playback readiness. If VREF is not required, the 1M
Ω resistor string can
be disabled by setting the VMID1M bit, reducing current consumption further.
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM9713L can run from 1.8V to 3.6V. By default, all analogue circuitry
on the IC is optimized to run at 3.3V. This set-up is also good for all other supply voltages down to
1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias currents
used in the analogue circuitry. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
6:5
VBIAS
00
Analogue Bias optimization
11 : Lowest bias current, optimized for 1.8V
10 : Low bias current, optimized for 2.5V
01, 00 : Default bias current, optimized for 3.3V
Table 66 Analogue Bias Selection
POWER ON RESET (POR)
The WM9713L has an internal power on reset (PORB) which ensures that a reset is applied to all
registers until a supply threshold has been exceeded. The POR circuitry monitors the voltage for both
AVDD and DCVDD and will release the internal reset signal once these supplies are both nominally
greater than 1.36V. The internal reset signal is an AND of the PORB and RESETB input signal.
It is recommended that for operation of the WM9713L, all device power rails should be stable before
configuring the device for operation.
AC97 INTERFACE TIMING
Test Characteristics:
DBVDD = 3.3V, DCVDD = 3.3V, DGND1 = DGND2 = 0V, TA = -25
°C to +85°C, unless otherwise
stated.
CLOCK SPECIFICATIONS
BITCLK
SYNC
t
CLK_HIGH
t
CLK_LOW
t
CLK_PERIOD
t
SYNC_HIGH
t
SYNC_LOW
t
SYNC_PERIOD
Figure 28 Clock Specifications (50pF External Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com