Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
26
LEFT CHANNEL
RIGHT CHANNEL
PCMFS
PCMCLK
PCMADC /
PCMDAC
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 9 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of PCMCLK following a PCMFS
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
PCMCLK frequency and sample rate, there may be unused PCMCLK cycles between the LSB of one
sample and the MSB of the next.
LEFT CHANNEL
RIGHT CHANNEL
PCMFS
PCMCLK
PCMADC/
PCMDAC
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 10 I
2S Justified Audio Interface (assuming n-bit word length)
CONTROL
The register bits controlling PCM audio format, word length and operating modes are summarised
below. CTRL must be set to override the normal use of the PCM interface pins as GPIOs, MODE
must be set to specify master/slave modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
CTRL
0
Sets function and control registers for GPIO /
PCM interface pins.
0 = GPIO pins as GPIOs
1 = GPIO pins configured as PCM interface
and controlled by this register
14:13
MODE
10
PCM interface mode when CTRL=1
00 = PCM interface disabled [PCMCLK tri-
stated, PCMFS tri-stated]
01 = PCM interface in slave mode [PCMCLK
as input, PCMFS as input]
10 = PCM interface in master mode [PCMCLK
as output, PCMFS as output]
11 = PCM interface in partial master mode
[PCMCLK as output, PCMFS as input]
36h
PCM
Control
12
SWAP
0
PCM data swap
0 = DAC data input on PCMDAC, ADC data
output on PCMADC
1 = DAC data input on PCMADC, ADC data
output on PCMDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com