Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 32Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 33Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 34Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 36Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
36
TONE CONTROL / BASS BOOST
The WM9713L provides separate controls for bass and treble with programmable gains and filter
characteristics. This function operates on digital audio data before it is passed to the audio DACs.
Bass control can take two different forms:
•
Linear bass control: bass signals are amplified or attenuated by a user
programmable gain. This is independent of signal volume, and very high bass
gains on loud signals may lead to signal clipping.
•
Adaptive bass boost: The bass volume is amplified by a variable gain. When the
bass volume is low, it is boosted more than when the bass volume is high. This
method is recommended because it prevents clipping, and usually sounds more
pleasant to the human ear.
Treble control applies a user programmable gain, without any adaptive boost function.
Treble, linear bass and 3D enhancement can all produce signals that exceed full-scale. In order to
avoid limiting under these conditions, it is recommended to set the DAT bit to attenuate the digital
input signal by 6dB. The gain at the outputs should be increased by 6dB to compensate for the
attenuation. Cut-only tone adjustment and adaptive bass boost cannot produce signals above full-
scale and therefore do not require the DAT bit to be set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
BB
0
Bass Mode
0 = Linear bass control
1 = Adaptive bass boost
12
BC
0
Bass Cut-off Frequency
0 = Low (130Hz at 48kHz sampling)
1 = High (200Hz at 48kHz sampling)
Bass Intensity
Code
BB=0
BB=1
0000
+9dB
15 (max)
0001
+9dB
14
0010
+7.5dB
13
…
(1.5dB steps)
…
0111
0dB
8
…
(1.5dB steps)
…
1011-1101
-6dB
4-2
1110
-6dB
1 (min)
11:8
BASS
1111
(OFF)
1111
Bypass (OFF)
6
DAT
0
-6dB attenuation
0 = Off
1 = On
4
TC
0
Treble Cut-off Frequency
0 = High (8kHz at 48kHz sampling)
1 = Low (4kHz at 48kHz sampling)
20h
DAC Tone
Control
3:0
TRBL
1111
(Disabled)
Treble Intensity
0000 or 0001 = +9dB
0010 = +7.5dB
… (1.5dB steps)
1011 to 1110 = -6dB
1111 = Treble Control Disabled
Table 16 DAC Tone Control
Note:
1.
All cut-off frequencies change proportionally with the DAC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com