Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 31Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 32Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 33Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 34Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 35Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 36Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 37Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
35
AUDIO DACS
STEREO DAC
The WM9713L has a stereo sigma-delta DAC that achieves high quality audio playback at low power
consumption. Digital tone control, adaptive bass boost and 3-D enhancement functions operate on
the digital audio data before it is passed to the stereo DAC. (Contrary to the AC’97 specification, they
have no effect on analogue input signals or signals played through the auxiliary DAC. Nevertheless,
the ID2 and ID5 bits in the reset register, 00h, are set to ‘1’ to indicate that the WM9713L supports
tone control and bass boost.)
The DAC output has a PGA for volume control. The DAC sample rate can be controlled by writing to
a control register (see “Variable Rate Audio”). It is independent of the ADC sample rate.
When not in use the DACs can be separately powered down using the Powerdown register bits
DACL and DACR (register 3Ch, bits [7:6]).
STEREO DAC VOLUME
The volume of the DAC output signal is controlled by a PGA (Programmable Gain Amplifier). Each
DAC can be mixed into the headphone, speaker and mono mixer paths (see “Audio Mixers”)
controlled by register 0Ch.
Each DAC-to-mixer path has an independent mute bit. When all DAC-to-mixer paths are muted the
DAC PGA is muted automatically.
When not in use the DAC PGAs can be powered down using the Powerdown register bits DACL and
DACR (register 3Ch, bits [7:6]).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
D2H
1
Mute DAC path to headphone mixer
1: Mute, 0: No mute (ON)
14
D2S
1
Mute DAC path to speaker mixer
1: Mute, 0: No mute (ON)
13
D2M
1
Mute DAC path to mono mixer
1: Mute, 0: No mute (ON)
12:8
DACL
VOL
01000
(0dB)
Left DAC Volume
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
0Ch
DAC
Volume
4:0
DACR
VOL
01000
(0dB)
Right DAC Volume
similar to DACLVOL
15
AMUTE
0
Read-only bit to indicate auto-muting
1: DAC auto-muted
0: DAC not muted
5Ch
Additional
Functions
(2)
7
AMEN
0
DAC Auto-Mute Enable
1: Automatically mutes analogue output of
stereo DAC if digital input is zero
0: Auto-mute OFF
Table 15 Stereo DAC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com