Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 99Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 100Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
97
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
MONO
0 (Off)
Enables fast power for MONO output
5
SPKL
0 (Off)
Enables fast power for SPKL output
4
SPKR
0 (Off)
Enables fast power for SPKR output
3
HPL
0 (Off)
Enables fast power for HPL output
2
HPR
0 (Off)
Enables fast power for HPR output
1
OUT3
0 (Off)
Enables fast power for OUT3 output
42h
0
OUT4
0 (Off)
Enables fast power for OUT4 output
Analogue
Audio
Outputs,
Power-Up
Register 42h controls power-up conditions for output PGAs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14:1
2
SEXT[6:4]
000 (div 1)
Defines clock division ratio for Hi-fi block: 000=f;
001=f/2; ... ; 111=f/8
11:8
SEXT[3:0]
0000 (div 1)
Defines clock division ratio for PCM interface and
voice DAC: 0000=f; 0001=f/1; … ; 1111=f/16
7
CLKSRC
1 (ext clk)
Selects between PLL clock and External clock
5:3
PENDIV
000 (div 16)
Sets PENADC clock divisor: 000=f/16; 001=f/12;
010=f/8; 011=f/6; 100=f/4; 101=f/3; 110=f/2; 111=f
2
CLKBX2
0 (Off)
Clock doubler for MCLKB
1
CLKAX2
0 (Off)
Clock doubler for MCLKA
44h
0
CLKMUX
0 (MCLKA)
Selects between MCLKA and MCLKB (N.B. On
power-up clock must be present on MCLKA and
must be active for 2 clock cycles after switching to
MCLKB)
Clock
Generation
Register 44h controls clock division and muxing.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:1
2
N[3:0]
0000
PLL integer division control (must be set between 5-
12 for integer N mode)
11
LF
0 = off
Allows PLL operation with low frequency input
clocks (< 8.192MHz)
10
SDM
0
Sigma Delta Modulator enable. Allows fractional N
division
9
DIVSEL
0 = off
Enables input clock to PLL to be divided by 2 or 4.
Use if input clock is above 14.4MHz
8
DIVCTL
0
Controls division mode when DIVSEL is high. 0 = div
by 2, 1= div by 4.
6:4
PGADDR
000
Pager address bits to access programming of
K[21:0] and SPLL[7:0]
46h
3:0
PGDATA
0000
Pager data bits
Analogue
Audio
Outputs,
Power-Up
Register 46h controls PLL clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com