Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
74
BATTERY ALARM AND ANALOGUE COMPARATORS
The battery alarm function differs from battery measurement in that it does not actually measure the
battery voltage. Battery alarm only indicates “OK”, “Low” or “Dead”. The advantage of the battery
alarm function is that it does not require a clock and can therefore be used in low-power sleep or
standby modes.
Figure 25 Battery Alarm Example Schematic
The typical schematic for a dual threshold battery alarm is shown above. This alarm has two
thresholds, “dead battery” (COMP1) and “low battery” (COMP2). R1, R2 and R3 set the threshold
voltages. Their values can be up to about 1M
Ω in order to keep the battery current [IALARM = VBATT /
(R1+R2+R3)] to a minimum (higher resistor values may affect the accuracy of the system as leakage
currents into the input pins become significant).
Dead battery alarm: COMP1 triggers when VBATT < VREF
× (R1+R2+R3) / (R2+R3)
A dead battery alarm is the highest priority of interrupt in the system. It should immediately save all
unsaved data and shut down the system. The GP15, GS15 and GW15 bits must be set to generate
this interrupt.
Low battery alarm: COMP2 triggers when VBATT < VREF
× (R1+R2+R3) / R3
A low battery alarm has a lower priority than a dead battery alarm. Since the threshold voltage is
higher than for a dead battery alarm, there is enough power left in the battery to give the user a
warning and/or shut down “gracefully”. When VBATT gets close to the low battery threshold, spurious
alarms are filtered out by the COMP2 delay function.
The purpose of the capacitor C is to remove from the comparator inputs any high frequency noise or
glitches that may be present on the battery (for example, noise generated by a charge pump). It
forms a low pass filter with R1, R2 and R3.
Low pass cutoff fc [Hz] = 1/ (2
π C × (R1 || (R2+R3)))
Provided that the cutoff frequency is several orders of magnitude lower than the noise frequency fn,
this simple circuit can achieve excellent noise rejection.
Noise rejection [dB] = 20 log (fn / fc)
The circuit shown above also allows for measuring the battery voltage VBATT. This is achieved simply
by setting the touchpanel ADC input to be either COMP1 (ADCSEL = 100) or COMP2 (ADCSEL =
101) (see also Auxiliary ADC Inputs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com