Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
46
MONOIN INPUT
Pin 20 (MONOIN) is a mono input designed to connect to the receive path of a telephony device.The
pin connects directly to the record selector for phone call recording (Note: to record both sides of a
phone call, one ADC channel should record the MONOIN signal while the other channel records the
MIC signal). The record PGA adjusts the recording volume, and is controlled by register 12h or by
the ALC function (see “Record Gain” and “Automatic Level Control” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:14
R2H
11 (mute)
Controls record mux to headphone mixer
paths. 00=stereo, 01=left rec mux only,
10=right rec mux only, 11=mute left and
right
13:11
R2HVOL
010 (0dB)
Controls gain of record mux l/r to headphone
mixer paths
000: +6dB
… (3dB steps)
111: -15dB
10:9
R2M
11 (mute)
Controls record mux to mono mixer path.
00=stereo, 01=left rec mux only, 10=right
rec mux only, 11=mute left and right
14h
Record
Routing
8
R2MBST
0 (OFF)
Enables 20dB gain boost for record mux to
mono mixer path
Table 27 Record PGA Routing Control
To listen to the MONOIN signal, the signal passes through a separate PGA, controlled by register
08h. The signal can be routed into the headphone mixer (for normal phone call operation) and/or the
speaker mixer (for speakerphone operation), but not into the mono mixer (to prevent forming a
feedback loop). When the signal is not selected as an input to any of the mixers the output of the
PGA is muted automatically.
When not in use the MONOIN PGA can be powered down using the Powerdown register bit MOIN
(register 3Eh, bit 4).
MONOIN is biased internally to the reference voltage VREF. Whenever the input is muted or the
device placed into standby mode, the input remains biased to VREF using special anti-thump
circuitry to suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
M2H
1
Mute MONIN path to headphone mixer
1: Mute, 0: No mute (ON)
14
M2S
1
Mute MONOIN path to speaker mixer
1: Mute, 0: No mute (ON)
08h
MONOIN
PGA Vol /
Routing
12:8
MONOIN
VOL
01000
(0dB)
MONOIN input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
Table 28 Mono PGA Control
PCBEEP INPUT
Pin 19 (PCBEEP) is a mono, line level input intended for externally generated signal or warning
tones. It is routed directly to the record selector and all three output mixers, without an input
amplifier. The signal gain into each mixer can be independently controlled, with a separate mute bit
for each signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com