Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
48
AUDIO MIXERS
MIXER OVERVIEW
The WM9713L has four separate low-power audio mixers to cover all audio functions required by
smartphones, PDAs and handheld computers. These mixers are used to drive the audio outputs
HPL, HPR, MONO, SPKL, SPKR, OUT3 and OUT4. There are also two inverters used to provide
complementary output driver signals.
HEADPHONE MIXERS
There are two headphone mixers, headphone mixer left and headphone mixer right (HPMIXL and
HPMIXR). These mixers are the stereo output driver source. They are used to drive the stereo
outputs HPL and HPR. They can also be used to drive SPKL and SPKR outputs and, when used in
conjunction with OUT3 and OUT4, they can be configured to drive complementary signals through
the two output inverters to support bridge-tied load (BTL) stereo loudspeaker outputs. The following
signals can be mixed into the headphone path:
•
MONOIN (controlled by register 08h, see “Audio Inputs”)
•
LINEL/R (controlled by register 0Ah, see “Audio Inputs”)
•
the output of the Record PGA (controlled by register 14h, see “Audio ADC”,
“Record Gain”)
•
the stereo DAC signal (controlled by register 0Ch, see “Audio DACs”)
•
the MIC signal (controlled by register 10h, see “Audio Inputs”)
•
PC_BEEP (controlled by register 16h, see “Audio Inputs”)
•
the VXDAC signal (controlled by register 18h, see “Audio DACs”)
•
the AUXDAC signal (controlled by register 1Ah, see “Auxiliary DAC”)
In a typical smartphone application, the headphone signal is a mix of MONOIN / VXDAC and
sidetone (for phone calls) and the stereo DAC signal (for music playback).
When not in use the headphone mixers can be powered down using the Powerdown register bits
HPLX and HPRX (register 3Ch, bits [3:2]).
SPEAKER MIXER
The speaker mixer (SPKMIX) is a mono source. It is typically used to drive a mono loudspeaker in
BTL configuration. The following signals can be mixed into the speaker path:
•
MONOIN (controlled by register 08h, see “Audio Inputs”)
•
LINEL/R (controlled by register 0Ah, see “Audio Inputs”)
•
the stereo DAC signal (controlled by register 0Ch, see “Audio DACs”)
•
PC_BEEP (controlled by register 16h, see “Audio Inputs”)
•
the VXDAC signal (controlled by register 18h, see “Audio DACs”)
•
the AUXDAC signal (controlled by register 1Ah, see “Auxiliary DAC”)
In a typical smartphone application, the speaker signal is a mix of AUXDAC (for system alerts or ring
tone playback), MONOIN / VXDAC (for speakerphone function), and PC_BEEP (for externally
generated ring tones).
Note that when selected the stereo input pairs LINEL/R and DACL/R are summed and attenuated by
-6dB so that 0dBFS signals on each channel sum to give a stereo mixed 0dBFS output.
When not in use the speaker mixer can be powered down using the Powerdown register bit SPKX
(register 3Ch, bit 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com