Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
PNDN
0
Pen status (read-only)
0: Pen Up
1: Pen Down
14:12
ADCSRC
000
Touchpanel ADC Source
000: No measurement
001: X co-ordinate measurement
010: Y co-ordinate measurement
011: Pressure measurement (4-wire only)
100: COMP1/AUX1 measurement (pin 29)
101: COMP2/AUX2 measurement (pin 30)
110: BMON/AUX3 measurement (pin 31)
111: WIPER/AUX4 measurement (pin 12)
7Ah
or
AC-Link slot
selected by
SLT
11:0
ADCD
000h
Touchpanel ADC Data (read-only)
Bit 11 = MSB
Bit 0 = LSB
78h
9
WAIT
0
0: No effect (new ADC data overwrites
unread data in register 7Ah)
1: New data is held back, and
measurements delayed, until register 7Ah is
read)
Table 49 Touchpanel Digitiser Data
When operating in co-ordinate mode (COO=1) there will be 3 results to read back from each set of
measurements – namely X,Y and the third additional measurement. After the co-ordinate set has
finished the X result will be present in register 7Ah. Once this has been read back by the user the Y
result will overwrite register 7Ah, as indicated by ADCSRC. Finally, after the Y result has been read
back, the result of the third, additional, measurement will become present in 7Ah, again indicated by
ADCSRC.
To avoid losing data that has not yet been read, the WM9713L can delay overwriting register 7Ah
with new conversions until the old data has been read. This function is enabled using the WAIT bit,
and applies to both single and co-ordinate conversion mode.
The flow diagram in Figure 24 shows the timing of touchpanel conversions, and data readback from
register 7Ah - dependent on the individual settings of the CO, POLL,ADCSEL and CTC bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com