Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 14 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 10Page - STMicroelectronics LPS225HB Datasheet HTML 11Page - STMicroelectronics LPS225HB Datasheet HTML 12Page - STMicroelectronics LPS225HB Datasheet HTML 13Page - STMicroelectronics LPS225HB Datasheet HTML 14Page - STMicroelectronics LPS225HB Datasheet HTML 15Page - STMicroelectronics LPS225HB Datasheet HTML 16Page - STMicroelectronics LPS225HB Datasheet HTML 17Page - STMicroelectronics LPS225HB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
FIFO
LPS225HB
14/47
DocID030115 Rev 2
4
FIFO
The LPS225HB embeds 32 slots of 40-bit data FIFO to store the pressure and temperature
output values. This allows consistent power saving for the system, since the host processor
does not need to continuously poll data from the sensor, but it can wake up only when
needed and burst the significant data out from the FIFO. This buffer can work according to
seven different modes: Bypass mode, FIFO mode, Stream mode, Dynamic-Stream mode,
Stream-to-FIFO mode, Bypass-to-Stream and Bypass-to-FIFO mode. The FIFO buffer is
enabled when the FIFO_EN bit in CTRL_REG2 (11h) is set to '1' and each mode is selected
by the FIFO_MODE[2:0] bits in FIFO_CTRL (14h). Programmable FIFO threshold status,
FIFO overrun events and the number of unread samples stored are available in the
FIFO_STATUS (26h) register and can be set to generate dedicated interrupts on the
INT_DRDY pad using the CTRL_REG3 (12h) register.
FIFO_STATUS (26h)(FTH_FIFO) goes to '1' when the number of unread samples
(FIFO_STATUS (26h)(FSS5:0)) is greater than or equal to WTM[4:0] in FIFO_CTRL (14h).
If FIFO_CTRL (14h)(WTM4:0) is equal to 0, FIFO_STATUS (26h)(FTH_FIFO) goes to '0'.
FIFO_STATUS (26h)(OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO_STATUS (26h)(FSS5:0) contains stored data levels of unread samples; when
FSS[5:0] is equal to '000000', FIFO is empty, when FSS[5:0] is equal to '100000', FIFO is full
and the unread samples are 32.
To guarantee the switching into and out of FIFO mode, discard the first sample acquired.
4.1
Bypass mode
In Bypass mode (FIFO_CTRL (14h)(FMODE2:0)=000), the FIFO is not operational and it
remains empty.
Bypass mode is also used to reset the FIFO when in FIFO mode.
As described in the next figure, for each channel only the first address is used. When new
data is available, the older data is overwritten.
Every time Bypass mode is selected, FIFO content is flushed.
Figure 5. Bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com