Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DocID030115 Rev 2
39/47
LPS225HB
Register description
47
8.9
REF_P_XL (15h)
Reference pressure (LSB data)
Address:
15h (R/W)
Reset:
00h
Description:
The REF_P_XL register contains the lowest part of the reference pressure value that
is sum to the sensor output pressure. The full reference pressure value is composed
of REF_P_XL (15h), REF_P_L (16h), RPDS_L (18h) and is represented as 2’s
complement. The reference pressure value can also be used to detect a measured
pressure beyond programmed limits (see CTRL_REG3 (12h)), and for Autozero
function (see RESET_AZ bit, at INTERRUPT_CFG (0Bh)).
[7:0] REFL7-0: LSB reference pressure data
8.10
REF_P_L (16h)
Reference pressure (middle part)
Address:
16h (R/W)
Reset:
00h
Description:
The REF_P_L register contains the middle part of the reference pressure value that is
sum to the sensor output pressure. (See REF_P_XL (15h) description).
[15:8] REFL15-8: Middle part reference pressure data
8.11
REF_P_H (17h)
Reference pressure (MSB data)
Address:
17h (R/W)
Reset:
00h
Description:
The REF_P_H register contains the highest part of the reference pressure value that
is sum to the sensor output pressure. (See REF_P_XL (15h) description).
[23:16] REFL23-16: MSB reference pressure data.
7
6
54321
0
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
15
14
13
12
11
10
9
8
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
23
22
21
20
19
18
17
16
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com