Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 21 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 17Page - STMicroelectronics LPS225HB Datasheet HTML 18Page - STMicroelectronics LPS225HB Datasheet HTML 19Page - STMicroelectronics LPS225HB Datasheet HTML 20Page - STMicroelectronics LPS225HB Datasheet HTML 21Page - STMicroelectronics LPS225HB Datasheet HTML 22Page - STMicroelectronics LPS225HB Datasheet HTML 23Page - STMicroelectronics LPS225HB Datasheet HTML 24Page - STMicroelectronics LPS225HB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID030115 Rev 2
21/47
LPS225HB
Application hints
47
5
Application hints
Figure 12. LPS225HB electrical connections
The device core is supplied through the VDD line. Power supply decoupling capacitors
(100 nF, 4.7 μF) should be placed as near as possible to the supply pad of the device
(common design practice).
The functionality of the device and the measured data outputs are selectable and accessible
through the I²C/SPI interface. When using the I²C, CS must be tied high (i.e. connected to
VDD_IO).
5.1
Soldering information
The HLGA package is compliant with the ECOPACK® standard and it is qualified for
soldering heat resistance according to JEDEC J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com