Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 41 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics LPS225HB Datasheet HTML 41Page - STMicroelectronics LPS225HB Datasheet HTML 42Page - STMicroelectronics LPS225HB Datasheet HTML 43Page - STMicroelectronics LPS225HB Datasheet HTML 44Page - STMicroelectronics LPS225HB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
DocID030115 Rev 2
41/47
LPS225HB
Register description
47
8.15
INT_SOURCE (25h)
Interrupt source
Address:
25h (R)
Reset:
00h
Description:
INT_SOURCE register is cleared by reading it
[7] BOOT_STATUS: If ‘1’ indicates that the Boot (Reboot) phase is running
[6:3] Reserved
[2] IA: Interrupt active.
(0: no interrupt has been generated; 1: one or more interrupt events have been
generated).
[1] PL: Differential pressure Low.
(0: no interrupt has been generated; 1: Low differential pressure event has
occurred).
[0] PH: Differential pressure High.
(0: no interrupt has been generated; 1: High differential pressure event has
occurred).
8.16
FIFO_STATUS (26h)
FIFO status
Address:
26h (R)
Reset:
00h
Description:
[7] FTH_FIFO: FIFO threshold status. Default value: 0
(0: FIFO filling is lower than FTH level, 1: FIFO filling is equal to or higher than
threshold level)
Description:
[6] OVRN: Overrun bit status. Default value: 0
(0: FIFO is not completely filled,1: FIFO is completely filled and at least one
sample has been overwritten)
Description:
[5:0] FSS: number of unread samples stored in FIFO. Default value: 0
(000000: FIFO empty, 100000: FIFO full, 32 unread samples)
7
6
54321
0
BOOT_STATUS
0
0
0
0
IA
PL
PH
7
654321
0
FTH_FIFO
OVR
FSS5
FSS4
FSS3
FSS2
FSS!
FSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com