Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 30Page - STMicroelectronics LPS225HB Datasheet HTML 31Page - STMicroelectronics LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Register description
LPS225HB
34/47
DocID030115 Rev 2
When ODR[2,0] are set to ‘000’ the device enables One-Shot mode. When the ONESHOT
bit is set to 1 in CTRL_REG2 (11h),a new conversion for pressure and temperature starts.
An ODR change will not flush FIFO content.
The BDU bit is used to inhibit the update of the output registers between the reading of upper
and lower register parts. In default mode (BDU = ‘0’), the lower and upper register parts are
updated continuously. When the BDU is activated (BDU = ‘1’), the content of the output
registers is not updated until both MSB and LSB are read which avoids reading values
related to different samples.
The SIM bit selects the SPI serial interface mode:
0: (default value) 4-wire SPI interface mode selected
1: 3-wire SPI interface mode selected
Table 16. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
0
0
0
Standby / One-shot enabled
001
1 Hz
1 Hz
0
1
0
10 Hz
10 Hz
011
25 Hz
25 Hz
100
50 Hz
50 Hz
1
0
1
75 Hz
75 Hz
Table 17. Low-pass filter configurations
LPF_CFG
Filter cutoff
0
ODR/9
1
ODR/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com