Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS225HB Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS225HB
Description  Embedded temperature compensation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS225HB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS225HB Datasheet HTML 32Page - STMicroelectronics LPS225HB Datasheet HTML 33Page - STMicroelectronics LPS225HB Datasheet HTML 34Page - STMicroelectronics LPS225HB Datasheet HTML 35Page - STMicroelectronics LPS225HB Datasheet HTML 36Page - STMicroelectronics LPS225HB Datasheet HTML 37Page - STMicroelectronics LPS225HB Datasheet HTML 38Page - STMicroelectronics LPS225HB Datasheet HTML 39Page - STMicroelectronics LPS225HB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Register description
LPS225HB
36/47
DocID030115 Rev 2
The ONE_SHOT bit is used to start a new conversion when the ODR[2,0] bits in
CTRL_REG1 (10h) are set to ‘000’. If the ONE_SHOT bit is set during a Normal Mode
measurement, nothing happens. Write ‘1’ in ONE_SHOT to trigger a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and
the STATUS_REG bits are updated. If ONE_SHOT bit is set while the one-shot
measurement is running, at the end of the current measurement a new one-shot
measurement starts.
Table 18. Register default values
Name
Type
Addr
Default
INTERRUPT_CFG
r/w
0Bh
00h
THS_P_L
r/w
0Ch
00h
THS_P_H
r/w
0Dh
00h
CTRL_REG1
r/w
10h
00h
CTRL_REG2
r/w
11h
10h
CTRL_REG3
r/w
12h
00h
FIFO_CTRL
r/w
14h
00h
REF_P_XL
r/w
15h
00h
REF_P_L
r/w
16h
00h
REF_P_H
r/w
17h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com